generated - 828e8d09-7096-4cfb-a532-1f7c2af54f89 kemet part number: C1206C106K3PACTU (c1206c106k3pac7800) ceramic, commercial-(cxxxxc), 10 uf, 10%, 25 v, 1206, x5r, smd, mlcc, temperature stable, class ii dimensions l 3.2mm +/-0.2mm w 1.6mm +/-0.2mm t 1.6mm +/-0.20mm b 0.5mm +/-0.25mm packaging specifications packaging: t&r, 180mm, plastic tape packaging quantity: 2000 general information style: smd chip series: commercial-(cxxxxc) chip size: 1206 description: smd, mlcc, temperature stable, class ii features: temperature stable, class ii rohs: yes termination: tin marking: no failure rate: n/a miscellaneous: note: referee time for x5r dielectric for this part number is 48 hours specifications capacitance: 10 uf capacitance tolerance: 10% voltage dc: 25 vdc temperature range: -55/+85c temperature coefficient: x5r dissipation factor: 10% aging rate: 4% loss/decade hour insulation resistance: 10 mohms dielectric strength: 62.5 v ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
|